Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download TSR05-24120SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 dc/dc converters tsr 0.5sm series, 0.5 a switching regulator features compact smd package very high effciency up to 97% excellent line / load regulation low standby current operating temperature range C40 to 90c over-temperature protection remote on/off input adjustable output voltage short circuit protection moisture sensitivity level 2 as per ipc j -std - 020 d.1 3-year product warranty tsr-0.5sm is a series of step-down nonCisolated switching regulators in compact sip package. these converters are an ideal alternative to lm78 linear regulators when energy effciency is a parameter of the design. the high effciency up to 97 % allows full load operation up to +80c (+90c with 50% load) ambient temperature without the need of forced aircooling. excellent output voltage accuracy and low standby current are other features that - distinguish switching regulators from linear regulators. order code input voltage range 1) output voltage output current effciency typ. nominal trim range 2) max. @ vin min. @ vin 32vdc tsr 0.5-2415sm 4.75 C 32 vdc 1.5 vd c 1.4 C 2.5 vdc 0.5 a 73 % 63 % tsr 0.5-2418sm 1.8 vd c 1.5 C 3.0 vdc 82 % 71 % tsr 0.5-2425sm 2.5 vdc 1.5 C 3.0 vdc 87 % 77 % tsr 0.5-2433sm 3.3 vdc 3.0 C 5.5 vdc 91 % 81 % tsr 0.5-2450sm 6.5 C 32 vdc 5.0 vdc 3.0 C 8.0 vdc 94 % 86 % tsr 0.5-2465sm 8 C 32 vdc 6.5 vdc 3.3 C 11.0 vdc 95 % 88 % tsr 0.5-2490sm 11 C 32 vdc 9.0 v d c 4.5 C 12.6 vdc 96 % 92 % tsr 0.5-24120sm 15 C 32 vdc 12 vd c 4.5 C 13.5 vdc 97 % 94 % tsr 0.5-24150sm 18 C 32 vdc 15 vd c 4.5 C 15.5 vdc 97 % 95 % models 1) for input voltage higher 24 vdc an input capacitor 22 f/ 50 v is required 2) input voltage must be higher than output voltage set:>1.5 v for 3.3C5.0v and >3 v for 6.5C15.0v http://www.tracopower.com
input specifications no load input current (at 24vin) 5 ma typ. short circuit input power 1.5 w max. surge voltage C0.3 / 34 vdc max. input filter internal capacitor, see filter suggestion page 3 for to meet en55022 class a, class b esd (electrostatic discharge) en 61000-4-2, air 8 kv, perf. criteria a radiated immunity en 61000-4-3 3 v/m, perf. criteria a fast transient en 61000-4-4, 0.5 kv, perf. criteria a with external input capacitor e.g. nippon chemi-con ky 330 f, 100 v conducted immunity en 61000-4-6, 3 vrms, perf. criteria a magnetic field immunity en 61000-4-8, 3 a/m, perf. criteria a output specifications voltage set accuracy 3 % (at full load) regulation C input variation 1.5 to 6.5 vin models: 0.4 % other models: 0.2 % C load variation (10 C 100 %) 1.5 to 6.5 vin models: 0.6 % other models: 0.4 % minimum load not required ripple and noise 1.5 to 6.5 vin models: 30 mvp-p max . other models: 40 mvp-p max . temperature coefficient 0.015 %/k max. dynamic load C peak variation 2 % max. (50% load step change) C response time 100 s max. short circuit protection continuous, automatic recovery capacitive load 220 f max. general specifications temperature ranges C operating C40c to +90c C case temperature +100c. max. C storage C55c to +125c derating C positive output circuit 5 %/k above +80c overtemperature protection at +160c (on internal ic) humidity (non condensing) 95 % rel h max. reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) >2000000 h isolation voltage none switching frequency 330 khz 50 khz (pulse width modulation) remote on/off C on: 2.4 C 5.0 vdc (ref. to gnd) or open circuit. C off: 0 C 1.6 vdc (ref. to gnd) or connect. to gnd C off idle current (at 24 vin): 35 a max. environmental compliance C reach www.tracopower.com/info/reach-declaration.pdf C rohs rohs directive 2011/65/eu physical specifications casing material non-conductive plastic (ul94v-0 rated) pin material phosphor bronce weight 1.7 g (0.6 oz) lead-free reflow solder process as per j-std-020d.01 moisture sensitivity level (msl) level 2 as per ipc j -s t d - 020 d.1 washing baking after washing: 100c for 30 min. dc/dc converters tsr 0.5sm series 0.5 a all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. page 2 of 3 http://www.tracopower.com
outline dimensions dc/dc converters tsr-0.5sm series 0.5 a rev. july 13, 2018 page 3 of 3 emi filter for en 55022 class a & b r1 <----------------------- open -----------------------> r2 [kohm] min. nominal max. [kohm] tsr 0.5-2415sm 1.0 1.4 vdc 1.5 vdc 2.5 vdc 0.47 tsr 0.5-2418sm 3 1.5 vdc 1.8 vdc 3.0 vdc 4.64 tsr 0.5-2425sm 0.2 1.5 vdc 2.5 vdc 3.0 vdc 44.2 tsr 0.5-2433sm 88.4 3.0 vdc 3.3 vdc 5.5 vdc 3.9 tsr 0.5-2450sm 17 3.0 vdc 5.0 vdc 8.0 vdc 2.32 tsr 0.5-2465sm 15 3.3 vdc 6.5 vdc 11 v d c 0.825 tsr 0.5-2490sm 26 4.5 vdc 9.0 v d c 12.6 vd c 0 tsr 0.5-24120sm 17 4.5 vdc 12 vd c 13.5 vd c 5 7. 6 tsr 0.5-24150sm 10.5 4.5 vdc 15 vd c 15.5 vdc 300 tsr 0.5sm r1 r2 +vout gnd adj +vin on/off gnd output voltage adjustment tsr 0.5sm load +vout +vin gnd c3 l1 c2 c1 class c1 c2 & c3 l1 value order code (smd type) datasheet: a C 4.7 f / 50 v 1206 mlcc 3.3 h tck-044 www.tracopower.com/products/tck044.pd f b 4.7 f / 50 v 1206 mlcc 10 h tck-047 www.tracopower.com/products/tck047.pdf 1 +vin 2 +vin 3 gnd 4 +vout 5 +vout 6 adj. 7 gnd 8 gnd 9 gnd 10 on/off pinout dimensions in [mm], () = inch tolerances: 0.5 (0.02) pin pich tolerances: 0.25 (0.01) 1 2 4 5 3 10 9 7 6 8 top view 15.3 4x 2.54 1.30 0.55 2.57 1.2 (0.60) (0.10) (0.05) (0.05) (0.02) 12.35 (0.49) 9.6 (0.38) 13.0 (0.51) 1.8 (0.07) (0.10) 9.24 (0.49) 0.44 (0.02) s seating plane 0.1 s 0-4 4x 2.54 (0.10) recommended solder pad: applications notes sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TSR05-24120SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X